Part Number Hot Search : 
CO55C DF10S Q7015R9 30150 MB90F347 CXK5416P SFH495P LP295
Product Description
Full Text Search
 

To Download TX4715-S7-A86-MC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FERROXCUBE
DATA SHEET
TX47/28/15 Alloy powder toroids
New data 2008 Sep 01
Ferroxcube
Alloy powder toroids
RING CORES (TOROIDS) Effective core parameters SYMBOL (I/A) Ve Ie Ae m PARAMETER core factor (C1) effective volume effective length effective area mass of core (for i 125) MPP Sendust VALUE UNIT 0.868 15600 116 134 130 95.8 mm -1 mm 3 mm mm 2 g g g
(0.23) 28.3 0.4 47.15 0.45
TX47/28/15
High-Flux 123 Coating
coating EPOXY
The cores are coated with epoxy. The colour is black (Sendust), grey (MPP) or khaki (High-Flux). Maximum operating temperature is 200 C. Isolation voltage AC isolation voltage : 1000 V. Contacts are applied on the edge of the ring core, which is also the critical point for the winding operation.
Dimensions in mm.
15.67 0.47
MFP170
Fig.1 TX47/28/15 ring core.
Ring core data - Note 1. Mechanical dimensions : OD 47.63, ID 27.89, H 16.13 B (mT) at GRADE AL (nH) 20 8 % 37 8 % 86 8 % 178 8 % 210 8 % 228 8 % 246 8 % 285 8 % 427 8 % Sendust
(1)
CORE LOSS (W) at f = 100 kHz; B = 100 mT; T = 25 C 23.4 18.7 11.7 11.7 12.5 12.5 12.5 23.4 23.4 24.9 13.3 13.3 13.3 13.3 39.0 31.2 28.0 31.2 TYPE NUMBER
i
H = 100 kA/m; f = 10 kHz; T = 25 C 640 700 760 800 800 800 800 800 800 1000 1030 1040 1050 1060 890 980 1280 1370 1866
MPP
14 26 60 125 147 160 173 200 300 26 60 75 90 125 14 26 60 125
TX47/15-M2-A20 TX47/15-M2-A37 TX47/15-M2-A86 TX47/15-M2-A178 TX47/15-M2-A210 TX47/15-M2-A228 TX47/15-M2-A248 TX47/15-M2-A285 TX47/15-M2-A427 TX47/15-S7-A37-MC TX47/15-S7-A86-MC TX47/15-S7-A107-MC TX47/15-S7-A128-MC TX47/15-S7-A178-MC TX47/15-H2-A20 TX47/15-H2-A37 TX47/15-H2-A86 TX47/15-H2-A178
37 8 % 86 8 % 107 8 % 128 8 % 178 8 %
High-Flux
20 8 % 37 8 % 86 8 % 178 8 %
2008 Sep 01
Ferroxcube
Alloy powder toroids
DATA SHEET STATUS DEFINITIONS DATA SHEET STATUS Preliminary specification Product specification PRODUCT STATUS Development DEFINITIONS
TX47/28/15
This data sheet contains preliminary data. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
DISCLAIMER Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Ferroxcube customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Ferroxcube for any damages resulting from such application. PRODUCT STATUS DEFINITIONS STATUS Prototype Design-in Preferred Support INDICATION DEFINITION These are products that have been made as development samples for the purposes of technical evaluation only. The data for these types is provisional and is subject to change. These products are recommended for new designs. These products are recommended for use in current designs and are available via our sales channels. These products are not recommended for new designs and may not be available through all of our sales channels. Customers are advised to check for availability.
2008 Sep 01
1867


▲Up To Search▲   

 
Price & Availability of TX4715-S7-A86-MC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X